Part Number Hot Search : 
KBJ35 11EWA AT88SC D2475B AD974 ALD1116 5HA2D 20KW240
Product Description
Full Text Search
 

To Download EIC1415A-4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EIC1415A-4
ISSUED 08/21/2007
14.40-15.40GHz 4-Watt Internally Matched Power FET
Excelics
EIC1415A-4
GATE DRAIN
FEATURES
* * * * * * * * 14.40- 15.40GHz Bandwidth Input/Output Impedance Matched to 50 Ohms +36.0 dBm Output Power at 1dB Compression 5.0 dB Power Gain at 1dB Compression 25% Power Added Efficiency -43 dBc IM3 at Po = 25.0 dBm SCL Hermetic Metal Flange Package 100% Tested for DC, RF, and RTH
.060 MIN.
.060 MIN.
.650.008 .512
.319
YYWW SN
.094 .382
.022
.045 .004
.070 .008
.129
ALL DIMENSIONS IN INCHES
ELECTRICAL CHARACTERISTICS (Ta = 25C)
SYMBOL P1dB G1dB G PAE Id1dB IM3 IDSS VP RTH PARAMETERS/TEST CONDITIONS1
Output Power at 1dB Compression f = 14.40-15.40GHz VDS = 10 V, IDSQ 1100mA Gain at 1dB Compression f = 14.40-15.40GHz VDS = 10 V, IDSQ 1100mA Gain Flatness f = 14.40-15.40GHz VDS = 10 V, IDSQ 1100mA Power Added Efficiency at 1dB Compression VDS = 10 V, IDSQ 1100mA f = 14.40-15.40GHz Drain Current at 1dB Compression f = 14.40-15.40GHz
Caution! ESD sensitive device. MIN
35.5 4.5
TYP
36.0 5.0
MAX
UNITS
dBm dB
0.6 25 1100 -40 -43 2080 -2.5 5.5 2880 -4.0 6.0
o
dB %
1400
mA dBc mA V C/W
Output 3rd Order Intermodulation Distortion f = 10 MHz 2-Tone Test; Pout = 25.0 dBm S.C.L2 VDS = 10 V, IDSQ 65% IDSS f = 15.40GHz
Saturated Drain Current Pinch-off Voltage Thermal Resistance
3
VDS = 3 V, VGS = 0 V VDS = 3 V, IDS = 20 mA
Note: 1. Tested with 100 Ohm gate resistor. 2. S.C.L. = Single Carrier Level. 3. Overall Rth depends on case mounting.
ABSOLUTE MAXIMUM RATING
SYMBOLS PARAMETERS ABSOLUTE 15V -5V 48mA -7.2mA 35.5dBm 175C -65C to +175C 25W CONTINUOUS 10V -4V 14.4mA -2.4mA @ 3dB Compression 175C -65C to +175C 25W
Vds Vgs Igf Igr Pin Tch Tstg Pt
Drain-Source Voltage Gate-Source Voltage Forward Gate Current Reverse Gate Current Input Power Channel Temperature Storage Temperature Total Power Dissipation
Note: 1. Exceeding any of the above ratings may result in permanent damage. 2. Exceeding any of the above ratings may reduce MTTF below design goals. Specifications are subject to change without notice. Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085 page 1 of 1 Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com Revised September 2007


▲Up To Search▲   

 
Price & Availability of EIC1415A-4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X